Part Number Hot Search : 
53120 P202K UPG2009 AK8855 UF30M T04CO 1212S NSC5136D
Product Description
Full Text Search
 

To Download EPC1053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converter EPC1053
Features 70 % Typical efficiency at full load and at 12 V Nominal input voltage Designed for low common mode noise Input filter to reduce input ripple current (Less than 10 mA p-p typical) Fuse Protected Electrical Specifications
Parameters
Input Voltage Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW Input Ripple Current Input /Output Isolation
Pulse Width Modulator Circuit (For high efficiency and excellent line and load regulation.) Input / Output Isolation Precision Regulated
Min.
7.5 8.55 0 ----
Typ.
12 9.0 -------
Max.
16 9.45 250 100
Units
Volts Volts mA mV p-p
---500
-------
25 ----
mA p-p Vrms
Package L
Pin Connections
White Dot Pin 1 1.27 Max. .035 .480 Max .110 / .140 1.100 .010
1 12
N/C V in24 23
N/C N/C N/C N/C 16 15 14 13
.025 Dia. Leads
1 V in+
2 N/C
9
10 11 12
N/C V o- V o+ N/C
.680 Max.
.600 .010
24 13
.100 Typ.
ELECTRONICS INC.
16799 Schoenborn St. North Hills, CA 91343 Phone: (818) 892-0761 Fax: (818) 894-5791
EPC1053 10/92


▲Up To Search▲   

 
Price & Availability of EPC1053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X